Part Number Hot Search : 
CZRW5235 TA7815 144936 LF441C GRM219 BC1602K1 GRM219 UPC554
Product Description
Full Text Search
 

To Download ESD11H221 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  slide switches/esd11 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. e 1 s 2 d 345678 11 product code type poles and throws lever position 9 design no. 3 mm size slide switches type: esd11 japan features a wide range of customizable features (lever di rec tion and circuit diagram) self-standing type on printed circuit board available for automatic wave soldering explanation of part numbers small-si ze d, wave soldering type recommended applications signal switches for telephones, audio equipment and lcd tvs standard products poles throws straight terminals formed terminals vertical horizontal vertical horizontal 1 2 esd11v120 esd11h120 esd11v121 esd11h121 2esd11v220esd11h220e sd11v221 ESD11H221 1 3 esd11v130 esd11h130 esd11v131 esd11h131 2 esd11v230 esd11h230 esd11v231 esd11h231 speci? cations lever position vertical horizontal rating 50 a 3 vdc to 0.1 a 12 vdc (resistive load) travel 2.0 mm mounting height 3.5 mm poles and throws 1-pole 2-throws, 1-pole 3-throws 2-poles 2-throws, 2-poles 3-throws terminal pitch 2.0 mm switching mode non-shorting lever length 2.0 mm minimum quantity/packing unit 2-throws 1000 pcs. polyethylene bag (bulk) 3-throws 500 pcs. polyethylene bag (bulk) quantity/carton 2-throws 8 000 pcs. 3-throws 4 000 pcs. dec. 2005
slide switches/esd11 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. 9.0 0.25 3.3 0.25 3.3 1.2 esd11v121 c0.15 3.5 2.0 2.5 3.5 0.15 2.0 2.0 2.0 0.6 b c a travel  1.5 (4.2) projected cover 9.0 b c a travel 2.0 2.0 2.5 3.5 0.15 3.5 2.5 2.0 2.0 3.3 0.25 0.6 0.25 c0.15 projected cover  1.5 esd11h121 (4.2) 1.2 3.3 13.0 2.0 2.0 ac b travel 2.0 3.5 2.5 2.0 2.0 c 3.3 2.5 0.6 0.25 0.25 4.0 3.5 0.15 projected cover c0.15  1.5 (4.2) 1.2 esd11h131 3.3 13.0 2.0 2.0 travel 3.5 2.0 3.5 2.5 2.0 0.6 2.0 3.3 1.2 0.25 0.25 4.0 0.15 projected cover b ac c  1.5 (4.2) esd11v131 3.3 c0.15 2.00 3.30 2.00 3- f 0.90 a b c a b c a c b c 2.00 3.30 4- f 0.90 2.00 4.00 a c b c 2.00 3.30 4- f 0.90 2.00 4.00 2.00 3.30 2.00 3- f 0.90 no. 1 no. 2 no. 3 dimensions in mm (not to scale) no. 4 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 esd11v120 1-pole 2-throws operatin g force a ? b 1.96 n1.47 n esd11h130 1-pole 3-throws operatin g force b  a  c 1.96 n1.47 n b  a  c 2.45 n1.47 n esd11h120 1-pole 2-throws operatin g force a ? b 1.96 n1.47 n esd11v130 1-pole 3-throws operatin g force b  a  c 1.96 n1.47 n b  a  c 2.45 n1.47 n note: c=common terminal oct. 2005
slide switches/esd11 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. 9.0 2.0 2.0 0.6 0.25 3.3 c 2.0 0.25 0.15 3.5 1.2 2.0 3.5 2.5 projected cover travel b a  1.5 c0.15 (4.2) 3.3 esd11v221 13.0 3.5 2.0 0.6 0.25 3.3 c 2.02.0 4.0 3.5 2.5 0.15 0.25 1.2 projected cover b a c travel  1.5 c0.15 3.3 (4.2) esd11v231 2.02.0 9.0 2.0 travel 2.0 0.6 c 2.0 3.3 0.25 0.25 2.0 0.15 3.5 3.5 2.5  1.5 2.5 3.3 (4.2) 1.2 ESD11H221 projected cover b a 13.0 2.0 2.0 3.5 2.0 3.5 2.5 4.0 0.6 c 2.0 2.0 0.15 0.25 3.3 2.5 0.25 b a c travel  1.5 3.3 (4.2) 1.2 esd11h231 projected cover a b c c a b c c a b c c c a b c c c 2.00 6- f 0.90 2.00 3.30 2.00 6- f 0.90 2.00 3.30 2.00 3.30 2.00 4.00 8- f 0.90 2.00 3.30 2.00 4.00 8- f 0.90 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 circuit diagram view from terminal side recommended pwb piercing plan tolerance: 0.05 no. 5 no. 6 no. 7 no. 8 esd11v220 2-poles 2-throws operatin g force a ? b 1.96 n1.47 n esd11h230 2-poles 3-throws operatin g force b  a  c 1.96 n1.47 n b  a  c 2.45 n1.47 n esd11h220 2-poles 2-throws operatin g force a ? b 1.96 n1.47 n esd11v230 2-poles 3-throws operatin g force b  a  c 1.96 n1.47 n b  a  c 2.45 n1.47 n note: c=common terminal dimensions in mm (not to scale) oct. 2005


▲Up To Search▲   

 
Price & Availability of ESD11H221

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X